Part Number Hot Search : 
ACTR30 DB301 ADG202 MK325B 75H60 GS101 2A165 84C10
Product Description
Full Text Search
 

To Download IN4937 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4933GP-1N4937GP
Discrete POWER & Signal Technologies
1N4933GP - 1N4937GP
Features * * * *
Low forward voltage drop. High surge current capability. High reliability. High current capability.
1.0 min (25.4)
Dimensions in inches (mm)
0.205 (5.21) 0.160 (4.06)
DO-41
COLOR BAND DENOTES CATHODE
0.107 (2.72) 0.080 (2.03) 0.034 (0.86) 0.028 (0.71)
1.0 Ampere Glass Passivated Fast Recovery Rectifiers
Absolute Maximum Ratings*
Symbol
IO if(surge)
TA = 25C unless otherwise noted
Parameter
Average Rectified Current .375 " lead length @ TA = 75C Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient Storage Temperature Range Operating Junction Temperature
Value
1.0
Units
A
30 2.73 18 55 -65 to +175 -65 to +175
A W mW/C C/W C C
PD RJA Tstg TJ
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
Parameter
TA = 25C unless otherwise noted
Device
4933GP 4934GP 100 70 100 4935GP 200 140 200 5.0 100 150 1.2 15 4936GP 400 280 400 4937GP 600 420 600 50 35 50
Units
V V V A A nS V pF
Peak Repetitive Reverse Voltage Maximum RMS Voltage DC Reverse Voltage (Rated VR) Maximum Reverse Current @ rated VR TA = 25C TA = 125C Maximum Reverse Recovery Time IF = 0.5 A, IR = 1.0 A, IRR = 0.25A Maximum Forward Voltage @ 1.0 A Typical Junction Capacitance VR = 4.0 V, f = 1.0 MHz
(c)1999 Fairchild Semiconductor Corporation
1N4933GP-1N4937GP, Rev. A
1N4933GP-1N4937GP
Typical Characteristics
Forward Current Derating Curve
1
Forward Characteristics
20 10 FORWARD CURRENT (A)
FORWARD CURRENT (A)
0.8
3 1 0.3 0.1 0.03 0.01 0.6 0.8
T J = 25 C A Pulse Width = 200S 300S 2% Duty Cycle
0.6
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" 9.0 mm LEAD LENGTHS
0.4
0.2
0
0
25
50 75 100 125 150 AMBIENT TEMPERATURE ( C)
175
1 1.2 1.4 1.6 FORWARD VOLTAGE (V)
1.8
2
Non-Repetitive Surge Current
PEAK FORWARD SURGE CURRENT (A) 40
Reverse Characteristics
100 REVERSE CURRENT ( A)
T A= 100 C
30
10
20
1
TJ = 25 C A
10
0
1
2
5 10 20 50 NUMBER OF CYCLES AT 60Hz
100
0.1
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Typical Junction Capacitance
20 JUNCTION CAPACITANCE (pF)
10
5
2
1
1
2
5 10 20 REVERSE VOLTAGE (V)
50
100
50 NONINDUCTIVE
50 NONINDUCTIVE
+0.5A
(-)
trr
DUT
50V (approx)
50 NONINDUCTIVE
Pulse Generator (Note 2) (+)
OSCILLOSCOPE (Note 1)
0 -0.25A
NOTES: 1. Rise time = 7.0 ns max; Input impedance = 1.0 megaohm 22 pf. 2. Rise time = 10 ns max; Source impedance = 50 ohms.
-1.0A
1.0cm SET TIME BASE FOR 5/ 10 ns/ cm
Reverse Recovery Time Characterstic and Test Circuit Diagram
1N4933GP-1N4937GP, Rev. A


▲Up To Search▲   

 
Price & Availability of IN4937

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X